Part Number Hot Search : 
M74HC76 ROV14 LTC55 SST39 3N60E V769MEM1 MS201 MP2361DK
Product Description
Full Text Search
 

To Download MC74HC174A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 8 1 publication order number: mc74hc174a/d mc74hc174a hex d flip-flop with common clock and reset highperformance silicongate cmos the mc74hc174a is identical in pinout to the ls174. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. this device consists of six d flipflops with common clock and reset inputs. each flipflop is loaded with a lowtohigh transition of the clock input. reset is asynchronous and activelow. ? output drive capability: 10 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2 to 6 v ? low input current: 1.0  a ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 162 fets or 40.5 equivalent gates figure 1. pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q4 d4 d5 q5 v cc clock q3 d3 d1 d0 q0 reset gnd q2 d2 q1 function table inputs output reset clock d q l x x l h h h h l l h l x no change h x no change 2500/reel tssop16 soic16 mc74hc174adr2 http://onsemi.com marking diagrams device package shipping ordering information mc74hc174an pdip16 2000/box mc74hc174ad soic16 48/rail 2500/reel so16 d suffix case 751b 1 16 pdip16 n suffix case 648 1 16 1 16 mc74hc174an awlyyww 1 16 hc174a awlyww a = assembly location l, wl = wafer lot y, yy = year w, ww = work week tssop16 dt suffix case 948f 1 16 hc 174a alyw 1 16 mc74hc174adt tssop16 96/rail mc74hc174adtr2
mc74hc174a http://onsemi.com 2 figure 2. logic diagram pin 16 = v cc pin 8 = gnd 3 4 6 11 13 14 2 5 7 10 12 15 d0 d1 d2 d3 d4 d5 q0 q1 q2 q3 q4 q5 clock 9 reset 1 data inputs noninverting outputs design/value table design criteria value units ?????????? ? ???????? ? internal gate count* ???? ? ?? ? 40.5 ???? ? ?? ? ea. ?????????? ? ???????? ? ?????????? internal gate propagation delay ???? ? ?? ? ???? 1.5 ???? ? ?? ? ???? ns ?????????? ?????????? internal gate power dissipation ???? ???? 5.0 ???? ????  w ?????????? ?????????? speed power product ???? ???? .0075 ???? ???? pj ???????????????? ???????????????? *equivalent to a twoinput nand gate.
mc74hc174a http://onsemi.com 3 maximum ratings (note 1) symbol parameter value unit v cc dc supply voltage (referenced to gnd)  0.5 to  7.0 v v in dc input voltage (referenced to gnd)  1.5 to v cc  1.5 v v out dc output voltage (referenced to gnd) (note 2)  0.5 to v cc  0.5 v i in dc input current, per pin  20 ma i out dc output current, per pin  25 ma i cc dc supply current, v cc and gnd pins  50 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds pdip, soic, tssop 260  c t j junction temperature under bias  150  c  ja thermal resistance pdip soic tssop 78 112 148  c/w p d power dissipation in still air at 85  c pdip soic tssop 750 500 450 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 30% 35% ul94vo (0.125 in) v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5)  2000  100  500 v i latchup latchup performance above v cc and below gnd at 85  c (note 6)  300 ma 1. absolute maximum continuous ratings are those values beyond which damage to the device may occur. extended exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute maximumrated conditions is not implied. 2. i o absolute maximum rating must be observed. 3. tested to eia/jesd22a114a. 4. tested to eia/jesd22a115a. 5. tested to jesd22c101a. 6. tested to eia/jesd78. 7. for high frequency or heavy load considerations, see the on semic onductor highspeed cmos data book (dl129/d). recommended operating conditions symbol parameter min max unit ???? ???? v cc ????????????????????? ????????????????????? dc supply voltage (referenced to gnd) ????? ????? 2.0 ???? ???? 6.0 ??? ??? v ???? ???? v in , v out ????????????????????? ????????????????????? dc input voltage, output voltage (referenced to gnd) (note 8) ????? ????? 0 ???? ???? v cc ??? ??? v ???? ???? t a ????????????????????? ????????????????????? operating temperature, all package types ????? ?????  55 ???? ????  125 ??? ???  c ???? ? ?? ? ? ?? ? ???? t r , t f ????????????????????? ? ??????????????????? ? ? ??????????????????? ? ????????????????????? input rise and fall time (figure 4) v cc = 2.0 v v cc = 4.5 v v cc = 6.0 v ????? ? ??? ? ? ??? ? ????? 0 0 0 ???? ? ?? ? ? ?? ? ???? 1000 500 400 ??? ? ? ? ? ? ? ??? ns 8. unused inputs may not be left open. all inputs must be tied to a high or lowlogic input voltage level.
mc74hc174a http://onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limit symbol parameter test conditions v  55  c to 25  c  85  c  125  c unit ???? ? ?? ? ???? v ih ????????? ? ??????? ? ????????? minimum highlevel input voltage ????????? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20  a ???? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ????? 1.5 3.15 4.2 ??? ? ? ? ??? 1.5 3.15 4.2 ???? ? ?? ? ???? 1.5 3.15 4.2 ?? ?? ?? v ???? ? ?? ? ? ?? ? ???? v il ????????? ? ??????? ? ? ??????? ? ????????? maximum lowlevel input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20  a ???? ? ?? ? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ? ??? ? ????? 0.5 1.35 1.8 ??? ? ? ? ? ? ? ??? 0.5 1.35 1.8 ???? ? ?? ? ? ?? ? ???? 0.5 1.35 1.8 ?? ?? ?? ?? v ???? ? ?? ? ???? v oh ????????? ? ??????? ? ????????? minimum highlevel output voltage ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  20  a ???? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ????? 1.9 4.4 5.9 ??? ? ? ? ??? 1.9 4.4 5.9 ???? ? ?? ? ???? 1.9 4.4 5.9 ?? ?? ?? v ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  4.0 ma |i out |  5.2 ma ???? ? ?? ? ???? 4.5 6.0 ????? ? ??? ? ????? 3.98 5.48 ??? ? ? ? ??? 3.84 5.34 ???? ? ?? ? ???? 3.7 5.2 ?? ?? ?? ???? ? ?? ? ? ?? ? ???? v ol ????????? ? ??????? ? ? ??????? ? ????????? maximum lowlevel output voltage ????????? ? ??????? ? ? ??????? ? ????????? v in = v ih or v il |i out |  20  a ???? ? ?? ? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ? ??? ? ????? 0.1 0.1 0.1 ??? ? ? ? ? ? ? ??? 0.1 0.1 0.1 ???? ? ?? ? ? ?? ? ???? 0.1 0.1 0.1 ?? ?? ?? ?? v ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  4.0 ma |i out |  5.2 ma ???? ? ?? ? ???? 4.5 6.0 ????? ? ??? ? ????? 0.26 0.26 ??? ? ? ? ??? 0.33 0.33 ???? ? ?? ? ???? 0.4 0.4 ?? ?? ?? ???? ???? i in ????????? ????????? maximum input leakage current ????????? ????????? v in = v cc or gnd ???? ???? 6.0 ????? ?????  0.1 ??? ???  1.0 ???? ????  1.0 ?? ??  a ???? ???? i cc ????????? ????????? maximum quiescent supply current (per package) ????????? ????????? v in = v cc or gnd i out = 0  a ???? ???? 6.0 ????? ????? 4.0 ??? ??? 40 ???? ???? 160 ?? ??  a 9. information on typical parametric values, along with high frequency or heavy load considerations, can be found in the on semi conductor highspeed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, input t r = t f = 6.0 ns) v cc guaranteed limit symbol parameter v  55  c to 25  c  85  c  125  c unit ???? ? ?? ? ???? f max ????????????????? ? ??????????????? ? ????????????????? maximum clock frequency (50% duty cycle) (figures 4 and 7) ???? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ????? 6.0 30 35 ??? ? ? ? ??? 4.8 24 28 ???? ? ?? ? ???? 4.0 20 24 ?? ?? ?? mhz ???? ? ?? ? ???? t plh t phl ????????????????? ? ??????????????? ? ????????????????? maximum propagation delay, clock to q (figures 5 and 7) ???? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ????? 110 22 19 ??? ? ? ? ??? 140 28 24 ???? ? ?? ? ???? 165 33 28 ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t plh t phl ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum propagation delay, reset to q (figures 2 and 7) ???? ? ?? ? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ? ??? ? ????? 110 21 19 ??? ? ? ? ? ? ? ??? 140 28 24 ???? ? ?? ? ? ?? ? ???? 160 32 27 ?? ?? ?? ?? ns ???? ? ?? ? ???? t tlh t thl ????????????????? ? ??????????????? ? ????????????????? maximum output transition time, any output (figures 4 and 7) ???? ? ?? ? ???? 2.0 4.5 6.0 ????? ? ??? ? ????? 75 15 13 ??? ? ? ? ??? 95 19 16 ???? ? ?? ? ???? 110 22 19 ?? ?? ?? ns ???? ???? c in ????????????????? ????????????????? maximum input capacitance ???? ???? ????? ????? 10 ??? ??? 10 ???? ???? 10 ?? ?? pf 10. for propagation delays with loads other than 50 pf, and information on typical parametric values, see the on semic onductor highspeed cmos data book (dl129/d). typical @ 25  c, v cc = 5.0 v c pd power dissipation capacitance, per enabled output (note 11) 62 pf 11. used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see the on semiconductor highspeed cmos data book (dl129/d).
mc74hc174a http://onsemi.com 5 timing requirements (c l = 50 pf, input t r = t f = 6.0 ns) guaranteed limit v cc  55  c to 25  c  85  c  125  c symbol parameter figure v min max min max min max unit ???? ? ?? ? ???? t su ????????????? ? ??????????? ? ????????????? minimum setup time, data to clock ??? ? ? ? ??? 6 ??? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ??? 50 10 9.0 ??? ? ? ? ??? ??? ? ? ? ??? 65 13 11 ??? ? ? ? ??? ??? ? ? ? ??? 75 15 13 ??? ? ? ? ??? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t h ????????????? ? ??????????? ? ? ??????????? ? ????????????? minimum hold time, clock to data ??? ? ? ? ? ? ? ??? 6 ??? ? ? ? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ns ???? ? ?? ? ???? t rec ????????????? ? ??????????? ? ????????????? minimum recovery time, reset inactive to clock ??? ? ? ? ??? 5 ??? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ??? ??? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ??? ??? ? ? ? ??? 5.0 5.0 5.0 ??? ? ? ? ??? ?? ?? ?? ns ???? ? ?? ? ???? t w ????????????? ? ??????????? ? ????????????? minimum pulse width, clock ??? ? ? ? ??? 4 ??? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ??? 75 15 13 ??? ? ? ? ??? ??? ? ? ? ??? 95 19 16 ??? ? ? ? ??? ??? ? ? ? ??? 110 22 19 ??? ? ? ? ??? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t w ????????????? ? ??????????? ? ? ??????????? ? ????????????? minimum pulse width, reset ??? ? ? ? ? ? ? ??? 5 ??? ? ? ? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ? ? ? ??? 75 15 13 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 95 19 16 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 110 22 19 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ns ???? ? ?? ? ???? t r , t f ????????????? ? ??????????? ? ????????????? maximum input rise and fall times ??? ? ? ? ??? 4 ??? ? ? ? ??? 2.0 4.5 6.0 ??? ? ? ? ??? ??? ? ? ? ??? 1000 500 400 ??? ? ? ? ??? ??? ? ? ? ??? 1000 500 400 ??? ? ? ? ??? ??? ? ? ? ??? 1000 500 400 ?? ?? ?? ns clock 9 d0 3 reset 1 d1 4 d2 6 d3 11 d4 13 d5 14 c q d r 2 5 7 10 12 15 q0 q1 q2 q3 q4 q5 figure 3. expanded logic diagram c q d r c q d r c q d r c q d r c q d r
mc74hc174a http://onsemi.com 6 50% v cc gnd v cc gnd 50% clock q reset t phl figure 4. switching waveform 50% data clock v cc v cc gnd figure 5. switching waveform valid gnd t su t h 1/f max clock q t r t f v cc gnd 90% 50% 10% 90% 50% 10% t plh t phl t tlh t thl t w *includes all probe and jig capacitance c l * test point device under test output figure 6. switching waveform figure 7. test circuit t w t rec 50%
mc74hc174a http://onsemi.com 7 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     pdip16 n suffix case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  soic16 d suffix case 751b05 issue j
mc74hc174a http://onsemi.com 8 package dimensions tssop16 dt suffix case 948f01 issue o ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  section nn seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 16x ref k n n on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74hc174a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC74HC174A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X